PART |
Description |
Maker |
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ICS951413 ICS951413YGLFT |
Programmable System Clock Chip for ATI RS400 P4-based Systems Frequency Generator for ATI RS400 chipset and P4 processors
|
ICST[Integrated Circuit Systems]
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
CY22394 CY22393 CY22395 CY22395ZC-XXXT CY22395ZI-X |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 375 MHz, OTHER CLOCK GENERATOR, PDSO16 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 166 MHz, OTHER CLOCK GENERATOR, PDSO16 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 400 MHz, OTHER CLOCK GENERATOR, PDSO16 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 200 MHz, OTHER CLOCK GENERATOR, PDSO16 CONNECTOR ACCESSORY (CY22393 / CY22394 / CY22395) Three-PLL Serial-Programmable Flash-Programmable Clock Generator
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
EP1K30FC256 ACEX1K07 |
Programmable Logic Family From old datasheet system Field Programmable Gate Array (FPGA)
|
Altera Corporation
|
IR2167 IR2167S |
PFC Ballast Control, Thermal Overload Protection, Brown Out Protection, Programmable Preheat and Frequency, Programmable Deadtime in a 20 Lead SOIC package PFC Ballast Control, Thermal Overload Protection, Brown Out Protection, Programmable Preheat and Frequency, Programmable Deadtime in a 20 Lead DIP package PFC BALLAST CONTROL IC
|
International Rectifier
|
81080V ISPLSI81080V-60LB272 ISPLSI81080V-90LB492 I |
3.3V In-System Programmable SuperBIG High Density PLD 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 14.5 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SI514 |
ANY-FREQUENCY IC PROGRAMMABLE XO
|
Silicon Laboratories
|
CY8C24423-24LFI CY8C24423-24PI CY8C24423-24PVI CY8 |
PSoC Mixed Signal Array MULTIFUNCTION PERIPHERAL, PDSO20 PSoC Mixed Signal Array MULTIFUNCTION PERIPHERAL, PDSO28 PSoC? Programmable System-on-Chip PSoC庐 Programmable System-on-Chip??/a> PSoC垄莽 Programmable System-on-Chip垄芒
|
Cypress Semiconductor, Corp.
|